Part Number Hot Search : 
IDT71V D1406 SRF860CT 66109 00050 DM4011 0540W 9C51R
Product Description
Full Text Search
 

To Download ZMY20 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ZMY1 THRU ZMY100
SILICON PLANAR POWER ZENER DIODES
Features
Silicon Planar Power Zener Diodes for use in stabilizing and clipping circuits with high power rating. The Zener voltages are graded according to the international E 24 standard. Smaller voltage tolerances on request. These diodes are also available in DO-41 case with the type designation ZPY1 thru ZPY100. These diodes are delivered taped. Details see Taping. Weight approx. : 0.25g
DIMENSIONS DIM A B C inches Min. 0.189 0.092 0.016 Max. 0.205 0.100 Min. 4.8 2.35 0.4 mm Max. 5.2 2.55 Note
Absolute Maximum Ratings
(Ta=25
)
Symbols Values Units
Zener current see Table "Characteristics" Power dissipation at Tamb=25 Junction temperature Storage temperature range
Note: (1) Valid provided that electrodes are kept at ambient temperature.
Ptot Tj TS
1
1)
W
175 -55 to +175
Characteristics
Thermal resistance junction to ambient Air
at Tamb=25
Symbols Min. Typ. Max. Units
RthA
-
-
170
1)
K/W
Note: (1) Valid provided that electrodes are kept at ambient temperature.
1
Zener voltage at IZ test Type VZ V
ZMY1
3)
2)
Dynamic resistance at IZ test f=1KHz rZJ
Temp. coeff. of Zener volt. at IZ test
VZ
Test current
Reverse voltage at IR=0.5uA VR V >0.7 >1.5 >2.0 >3.0 >5.0 >6.0 >7.0 >7.5 >8.5 >9.0 >10 >11 >12 >14 >15 >17 >18 >20 >22.5 >25 >27 >29 >32 >35 >38 >42 >47 >51 >56 >61 >68 >75
Admissible Zener current 1) at tamb=25 IZ mA 406 203 182 165 150 135 128 110 100 89 82 74 66 60 55 49 44 40 36 34 29 27 25 22 20 18 17 15 14 13 11 10 9 8 7.5 7
IZ test mA 5 100 100 100 100 100 100 100 100 100 50 50 50 50 50 50 25 25 25 25 25 25 25 25 10 10 10 10 10 10 10 10 10 10 5 5
10-4/K 6.5(<8) 4(<7) 4(<7) 4(<7) 2(<5) 1(<2) 1(<2) 1(<2) 1(<2) 1(<2) 2(<4) 2(<4) 3(<7) 3(<7) 4(<9) 4(<9) 5(<10) 5(<11) 6(<12) 7(<13) 8(<14) 9(<15) 10(<20) 11(<20) 25(<60) 30(<60) 35(<80) 40(<80) 45(<100) 50(<100) 60(<130) 65(<130) 70(<160) 80(<160) 120(<250) 130(<250) -26 ... -23 -7 ... +2 -7 ... +3 -7 ... +4 -6 ... +5 -3 ... +5 -1 ... +6 0 ... 7 0 ... 7 +3 ... +8 +3 ... +8 +5 ... +9 +5 ... +10 +5 ... +10 +5 ... +10 +5 ... +10 +7 ... +11 +7 ... +11 +7 ... +11 +7 ... +11 +7 ... +12 +7 ... +12 +7 ... +12 +7 ... +12 +7 ... +12 +8 ... +12 +8 ... +13 +8 ... +13 +8 ... +13 +8 ... +13 +8 ... +13 +8 ... +13 +8 ... +13 +8 ... +13 +9 ... +13 +9 ... +13
0.65 ... 0.75 3.7 ... 4.1 4.0 ... 4.6 4.4 ... 5.0 4.8 ... 5.4 5.2 ... 6.0 5.8 ... 6.6 6.4 ... 7.2 7.0 ... 7.9 7.7 ... 8.7 8.5 ... 9.6 9.4 ... 10.6 10.4 ... 11.6 11.4 ... 12.7 12.4 ... 14.1 13.8 ...15.8 15.3 ... 17.1 16.8 ... 19.1 18.8 ... 21.2 20.8 ... 23.3 22.8 ... 25.6 25.1 ... 28.9 28 ... 32 31 ... 35 34 ... 38 37 ... 41 40 ... 46 44 ... 50 48 ... 54 52 ... 60 58 ... 66 64 ... 72 70 ... 79 77 ... 88 85 ... 96 94 ... 106
ZMY3.9 ZMY4.3 ZMY4.7 ZMY5.1 ZMY5.6 ZMY6.2 ZMY6.8 ZMY7.5 ZMY8.2 ZMY9.1 ZMY10 ZMY11 ZMY12 ZMY13 ZMY15 ZMY16 ZMY18 ZMY20 ZMY22 ZMY24 ZMY27 ZMY30 ZMY33 ZMY36 ZMY39 ZMY43 ZMY47 ZMY51 ZMY56 ZMY62 ZMY68 ZMY75 ZMY82 ZMY91 ZMY100
Notes: (1) Valid provided that electrodes are kept at ambient temperature. (2) Tested with pulses tp=20ms. (3) The ZMY1 is a silicon diode operated in forward direction. Hence, the index of all characteristics and maximum ratings should be F instead of Z. Connect the cathode terminal to the negative pole.
2
RATINGS AND CHARACTERISTIC CURVES
3
RATINGS AND CHARACTERISTIC CURVES
4
RATINGS AND CHARACTERISTIC CURVES
5


▲Up To Search▲   

 
Price & Availability of ZMY20

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X